Part Number Hot Search : 
APE10616 IM100 FM301 2045CT 1510G 200A12S2 090N03 NV73A
Product Description
Full Text Search
 

To Download BAS16LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Switching Diode
3 CATHODE 1 ANODE
BAS16LT1
3
MAXIMUM RATINGS
Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Value 75 200 500 Unit
1
Vdc mAdc mAdc
2
CASE 318-08, STYLE 8 SOT-23 (TO-236AB)
DEVICE MARKING
BAS16LT1 = A6
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
RJA PD
RJA TJ , Tstg
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted)
Characteristic Symbol IR -- -- -- V (BR) VF -- -- -- -- CD V FR t rr QS -- --- -- 715 855 1000 1250 2.0 1.75 6.0 45 pF Vdc ns pC 75 1.0 50 30 -- Vdc mV Min Max Unit Adc
OFF CHARACTERISTICS
Reverse Voltage Leakage Current (V R = 75Vdc) (V R = 75 Vdc, T J = 150C) (V R = 25 Vdc, T J = 150C) Reverse Breakdown Voltage (I BR = 100 Adc) Forward Voltage (I F = 1.0 mAdc) (I F = 10 mAdc) (I F = 50 mAdc) (I F = 150 mAdc) Diode Capacitance (V R = 0, f = 1.0 MHz) Forward Recovery Voltage (I F = 10 mAdc, t r = 20ns ) Reverse Recovery Time (I F = I R = 10 mAdc, R L = 50 ) Stored Charge (I F = 10 mAdc to V R= 5.0Vdc, R L = 500 ) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
G2-1/2
LESHAN RADIO COMPANY, LTD.
BAS16LT1
+10 V 820 2.0 k 0.1F tr tp 10% t IF t rr t
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
D.U.T.
50 INPUT SAMPLING OSCILLOSCOPE
90% V R INPUT SIGNAL IR
i
R(REC)
= 1.0 mA
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10 mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10 mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
10
I F , FORWARD CURRENT (mA)
T A = 150C T A= 85C
10
I R , REVERSE CURRENT (A)
1.0
T A = 125C
TA= - 40C
0.1
T A = 85C T A = 55C
1.0
T A= 25C
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
T A = 25C
0.001 0 10 20 30 40 50
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
C D , DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52 0 2 4 6 8
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
G2-2/2


▲Up To Search▲   

 
Price & Availability of BAS16LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X